PART |
Description |
Maker |
10N70-Q |
N-CHANNEL POWER MOSFE
|
Unisonic Technologies
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|
FQA13N50C |
500V N-Channel Advance Q-FET C-Series 500V N-Channel MOSFET 13.5 A, 500 V, 0.48 ohm, N-CHANNEL, Si, POWER, MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQB5N50C FQI5N50C FQB5N50CTM FQI5N50CTU |
500V N-Channel MOSFET 5 A, 500 V, 1.4 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel Advance Q-FET C-Series
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF840 IRF440 IRF843 IRF841 MTM7N50 IRF440-443 IRF |
N-Channel Power MOSFETs, 8A, 450 V/500V N沟道功率MOSFETA条,450 V/500V N-Channel Power MOSFETs/ 8A/ 450 V/500V N-Channel Power MOSFETs 8A 450 V/500V 500V N-Channel MOSFET
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
RFH10N50 RFH10N45 |
CAP 1000PF 200V 10% X7R DIP-2 TUBE-PAK S-MIL-PRF-39014/22 10A/ 450V and 500V/ 0.600 Ohm/ N-Channel Power MOSFETs 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs 10 A, 450 V, 0.6 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-218AC
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation] Intersil, Corp.
|
FQI12N50 FQB12N50 FQB12N50TMAM002 |
500V N-Channel MOSFET 12.1 A, 500 V, 0.49 ohm, N-CHANNEL, Si, POWER, MOSFET 500V N-Channel QFET
|
http:// FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IRF820AL IRF820AS IRF820ASTRL IRF820ASTRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 500V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=500V, Rds(on)max=3.0ohm, Id=2.5A) Power MOSFET(Vdss=500V/ Rds(on)max=3.0ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
IRFY11N50CMA |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 10A I(D) | TO-257AA 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 10A条(丁)|57AA HEXFET POWER MOSFET THRU-HOLE (TO-257AA) 500V Single N-Channel Hi-Rel MOSFET in a TO-257AA package
|
International Rectifier, Corp. IRF[International Rectifier]
|